Part Number Hot Search : 
2SC50 NTE987SM ER300 R5F2127 T1400J XCX01DNC ASI10 ACT32M
Product Description
Full Text Search
 

To Download CY7C1354CV25-225AXI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary 9-mbit (256k x 36/512k x 18) pipelined sram with nobl? architecture cy7c1354cv25 cy7c1356cv25 cypress semiconductor corporation ? 3901 north first street ? san jose , ca 95134 ? 408-943-2600 document #: 38-05537 rev. *b revised november 1, 2004 features ? pin-compatible with and functionally equivalent to zbt ? ? supports 225-mhz bus operations with zero wait states ? available speed grades are 225, 200, and 167 mhz ? internally self-time d output buffer cont rol to eliminate the need to use asynchronous oe ? fully registered (inputs and outputs) for pipelined operation ? byte write capability ? single 2.5v power supply ? fast clock-to-output times ? 2.8 ns (for 225-mhz device) ? 3.2ns (for 200-mhz device) ? 3.5 ns (for 167-mhz device) ? clock enable (cen ) pin to suspend operation ? synchronous self-timed writes ? available in lead-free 100 tqfp, 119 bga, and 165 fbga packages ? ieee 1149.1 jtag boundary scan ? burst capability ? linear or interleaved burst order ? ?zz? sleep mode option and stop clock option functional description the cy7c1354cv25 and cy7c1356cv25 are 2.5v, 256k x 36 and 512k x 18 synchronous pipelined burst srams with no bus latency? (nobl ?) logic, respectively. they are designed to support unlimited true back-to-back read/write operations with no wait states. the cy7c1354cv25 and cy7c1356cv25 are equipped with the advanced (nobl) logic required to enable consecutive read/write operations with data being transferred on every clock cycle. this feature dramatically improves the thr oughput of data in systems that require frequent write/read transitions. the cy7c1354cv25 and cy7c1356cv25 are pin-compatible with and functionally equivalent to zbt devices. all synchronous inputs pass through input registers controlled by the rising edge of the clock. all data outputs pass through output registers controlled by t he rising edge of the clock. the clock input is qualified by the clock enable (cen ) signal, which when deasserted suspends operation and extends the previous clock cycle. write operations are controlled by the byte write selects (bw a ?bw d for cy7c1354cv25 and bw a ?bw b for cy7c1356cv25) and a write enable (we ) input. all writes are conducted with on-chip synchronous self-timed write circuitry. three synchronous chip enables (ce 1 , ce 2 , ce 3 ) and an asynchronous output enable (oe ) provide for easy bank selection and output three-state co ntrol. in order to avoid bus contention, the output drivers are synchronously three-stated during the data portion of a write sequence. a0, a1, a c mode bw a bw b we ce1 ce2 ce3 oe read logic dqs dqp a dqp b dqp c dqp d d a t a s t e e r i n g o u t p u t b u f f e r s memory array e e input register 0 address register 0 write address register 1 write address register 2 write registry and data coherency control logic burst logic a0' a1' d1 d0 q1 q0 a0 a1 c adv/ld adv/ld e input register 1 s e n s e a m p s e clk c en write drivers bw c bw d zz sleep control o u t p u t r e g i s t e r s logic block diagram?cy7c1354cv25 (256k x 36)
preliminary cy7c1354cv25 cy7c1356cv25 document #: 38-05537 rev. *b page 2 of 25 a0, a1, a c mode bw a bw b we ce1 ce2 ce3 oe read logic dqs dqp a dqp b d a t a s t e e r i n g o u t p u t b u f f e r s memory array e e input register 0 address register 0 write address register 1 write address register 2 write registry and data coherency control logic burst logic a0' a1' d1 d0 q1 q0 a0 a1 c adv/ld adv/ld e input register 1 s e n s e a m p s o u t p u t r e g i s t e r s e clk c en write drivers zz sleep control logic block diagram?cy7c1356cv25 (512k x 18) selection guide cy7c1354cv25-225 cy7c1356cv25-225 cy7c1354cv25-200 cy7c1356cv25-200 cy7c1354cv25-167 cy7c1356cv25-167 unit maximum access time 2.8 3.2 3.5 ns maximum operating current 250 220 180 ma maximum cmos standby current 35 35 35 ma shaded areas contain advance information.pleas e contact your local cypress sales representative for availability of these parts . note: 1. for best?practices recommendations, please refer to the cypress application note system design guidelines on www.cypress.com.
preliminary cy7c1354cv25 cy7c1356cv25 document #: 38-05537 rev. *b page 3 of 25 pin configurations a a a a a 1 a 0 v ss v dd a a a a a a v ddq v ss dqb dqb dqb v ss v ddq dqb dqb v ss nc v dd dqa dqa v ddq v ss dqa dqa v ss v ddq v ddq v ss dqc dqc v ss v ddq dqc v dd v ss dqd dqd v ddq v ss dqd dqd dqd v ss v ddq a a ce 1 ce 2 bwa ce 3 v dd v ss clk we cen oe e(18) a a 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 a a adv/ld zz cy7c1354cv25 100-pin tqfp packages a a a a a 1 a 0 v ss v dd a a a a a a a nc nc v ddq v ss nc dqp a dqa dqa v ss v ddq dqa dqa v ss nc v dd dqa dqa v ddq v ss dqa dqa nc nc v ss v ddq nc nc nc nc nc nc v ddq v ss nc nc dqb dqb v ss v ddq dqb dqb v dd v ss dqb dqb v ddq v ss dqb dqb dqpb nc v ss v ddq nc nc nc a a ce 1 ce 2 nc nc bwb bwa ce 3 v dd v ss clk we cen oe e(18) a a 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 a a adv/ld zz mode cy7c1356cv25 bwd mode bwc dqc dqc dqc dqc dqpc dqd dqd dqd dqpb dqb dqa dqa dqa dqa dqpa dqb dqb (256k 36) (512k 18) bwb nc nc nc dqc nc e(288) e(144) e(72) e(36) e(288) e(144) e(72) e(36) dqpd
preliminary cy7c1354cv25 cy7c1356cv25 document #: 38-05537 rev. *b page 4 of 25 pin configurations (continued) 234567 1 a b c d e f g h j k l m n p r t u dq a v ddq nc nc dq c dq d dq c dq d aa aa e(18) v ddq ce 2 a v ddq v ddq v ddq v ddq nc nc a dq c dq c dq d dq d tms v dd a e(72) dqp d a a adv/ld ace 3 nc v dd aanc v ss v ss nc dqp b dq b dq b dq a dq b dq b dq a dq a nc tdi tdo v ddq tck v ss v ss v ss nc v ss v ss v ss v ss mode ce 1 v ss oe v ss v ddq bw c a v ss we v ddq v dd nc v dd v ss clk nc bw a cen v ss v ddq v ss zz nc a a a1 a0 v ss v dd nc cy7c1354cv25 (256k 36) ? 14 22 bga dqp c dq b ae(36) dq c dq b dq c dq c dq c dq b dq b dq a dq a dq a dq a dqp a dq d dq d dq d dq d bw d 119-ball bga pinout bw b 234567 1 a b c d e f g h j k l m n p r t u e(36) dq a v ddq nc nc nc dq b dq b dq b dq b aa aa e(18) v ddq ce 2 a nc v ddq nc v ddq v ddq v ddq nc nc nc e(72) a dq b dq b dq b dq b nc nc nc nc tms v dd a a dqp b a a adv/ld a ce 3 nc v dd aanc v ss v ss nc nc dqp a dq a dq a dq a dq a dq a dq a dq a nc tdi tdo v ddq tck v ss v ss v ss nc v ss v ss v ss v ss v ss mode ce 1 v ss nc oe v ss v ddq bw b av ss nc v ss we nc v ddq v dd nc v dd nc v ss clk nc nc bw a cen v ss nc v ddq v ss nc zz nc a a a a1 a0 v ss nc v dd nc cy7c1356cv25 (512k x 18)?14 x 22 bga
preliminary cy7c1354cv25 cy7c1356cv25 document #: 38-05537 rev. *b page 5 of 25 pin configurations (continued) 234 567 1 a b c d e f g h j k l m n p r tdo e(288) nc dqp c dq c dqp d nc dq d a ce 1 bw b ce 3 bw c cen ce2 dq c dq d dq d mode nc dq c dq c dq d dq d dq d e(36) e(72) v ddq bw d bw a clk we v ss v ss v ss v ss v ddq v ss v dd v ss v ss v ss nc v ss v ss v ss v ss v ddq v ddq nc v ddq v ddq v ddq v ddq a a v dd v ss v dd v ss v ss v ddq v dd v ss v dd v ss v dd v ss v ss v ss v dd v dd v ss v dd v ss v ss nc tck a0 v ss tdi a a dq c v ss dq c v ss dq c dq c nc v ss v ss v ss v ss nc v ss a1 dq d dq d nc nc v ddq v ss tms 891011 nc a a adv/ld nc oe e(18) a e(144) v ss v ddq nc dqp b v ddq v dd dq b dq b dq b nc dq b nc dq a dq a v dd v ddq v dd v ddq dq b v dd nc v dd dq a v dd v ddq dq a v ddq v dd v dd v ddq v dd v ddq dq a v ddq a a v ss a a a dq b dq b dq b zz dq a dq a dqp a dq a a v ddq a 234 567 1 a b c d e f g h j k l m n p r tdo e(288) nc nc nc dqp b nc dq b a ce 1 ce 3 bw b cen ce2 nc dq b dq b mode nc dq b dq b nc nc nc e(36) e(72) v ddq bw a clk we v ss v ss v ss v ss v ddq v ss v dd v ss v ss v ss nc v ss v ss v ss v ss v ddq v ddq nc v ddq v ddq v ddq v ddq a a v dd v ss v dd v ss v ss v ddq v dd v ss v dd v ss v dd v ss v ss v ss v dd v dd v ss v dd v ss v ss nc tck a0 v ss tdi a a dq b v ss nc v ss dq b nc nc v ss v ss v ss v ss nc v ss a1 dq b nc nc nc v ddq v ss tms 891011 nc a a adv/ld a oe e(18) a e(144) v ss v ddq nc dqp a v ddq v dd nc dq a dq a nc nc nc dq a nc v dd v ddq v dd v ddq dq a v dd nc v dd nc v dd v ddq dq a v ddq v dd v dd v ddq v dd v ddq nc v ddq a a v ss a a a dq a nc nc zz dq a nc nc dq a a v ddq a cy7c1356cv25 (512k 18) ? 13 15 fbga cy7c1354cv25 (256k 36) ? 13 15 fbga 165-ball fbga pinout a a nc nc
preliminary cy7c1354cv25 cy7c1356cv25 document #: 38-05537 rev. *b page 6 of 25 pin definitions pin name i/o type pin description a0 a1 a input- synchronous address inputs used to select one of the address locations . sampled at the rising edge of the clk. bw a, bw b, bw c, bw d, input- synchronous byte write select inputs, active low . qualified with we to conduct writes to the sram. sampled on the rising edge of clk. bw a controls dq a and dqp a , bw b controls dq b and dqp b , bw c controls dq c and dqp c , bw d controls dq d and dqp d . we input- synchronous write enable input, active low . sampled on the rising edge of clk if cen is active low. this signal must be asserted low to initiate a write sequence. adv/ld input- synchronous advance/load input used to advance the on-chip address counter or load a new address . when high (and cen is asserted low) the internal burst counter is advanced. when low, a new address can be loaded into the device for an access. after being deselected, adv/ld should be driven low in order to load a new address. clk input- clock clock input . used to capture all synchronous inputs to the device. clk is qualified with cen . clk is only recognized if cen is active low. ce 1 input- synchronous chip enable 1 input, active low . sampled on the rising edge of clk. used in conjunction with ce 2 and ce 3 to select/deselect the device. ce 2 input- synchronous chip enable 2 input, active high . sampled on the rising edge of clk. used in conjunction with ce 1 and ce 3 to select/deselect the device. ce 3 input- synchronous chip enable 3 input, active low . sampled on the rising edge of clk. used in conjunction with ce 1 and ce 2 to select/deselect the device. oe input- asynchronous output enable, active low . combined with the synchronous logic block inside the device to control the direction of the i/o pins. when low, t he i/o pins are allowed to behave as outputs. when deasserted high, i/o pins are thr ee-stated, and act as input data pins. oe is masked during the data portion of a write sequence, during the first clock when emerging from a deselected state and when the device has been deselected. cen input- synchronous clock enable input, active low . when asserted low the clock signal is recognized by the sram. when deasserted high the clock signal is masked. since deasserting cen does not deselect the device, cen can be used to extend th e previous cycle when required. dq s i/o- synchronous bidirectional data i/o lines . as inputs, they feed into an on-chip data register that is triggered by the rising edge of clk. as outputs, they deliver the data contained in the memory location specified by addresses during the previous clock rise of the read cycle. the direction of the pins is controlled by oe and the internal control logic. when oe is asserted low, the pins can behave as outputs. when high, dq a ?dq d are placed in a three-stat e condition. the outputs are automatically three-stated during the data portion of a write sequence, during the first clock when emerging from a deselected state, and when the de vice is deselected, rega rdless of the state of oe . dqp x i/o- synchronous bidirectional data parity i/o lines . functionally, these signals are identical to dq [a:d]. during write sequences, dqpa is controlled by bwa, dq pb is controlled by bwb, dqpc is controlled by bwc, and dqpd is controlled by bwd. mode input strap pin mode input . selects the burst order of the device. tied high selects the interleaved burst order. pulled low selects the linear burst order. mode should not change states during operation. when left floating mode will default high, to an interleaved burst order. tdo jtag serial output synchronous serial data-out to the jtag circuit . delivers data on the negative edge of tck. tdi jtag serial input synchronous serial data-in to the jtag circuit . sampled on the rising edge of tck. tms test mode select synchronous this pin controls the test access port state machine . sampled on the rising edge of tck. tck jtag-clock clock input to th e jtag circuitry . v dd power supply power supply inputs to the core of the device . v ddq i/o power supply power supply for the i/o circuitry . v ss ground ground for the device . should be connected to ground of the system.
preliminary cy7c1354cv25 cy7c1356cv25 document #: 38-05537 rev. *b page 7 of 25 functional overview the cy7c1354cv25 and cy7c1356cv25 are synchronous-pipelined burst nobl srams designed specifi- cally to eliminate wait states during write/read transitions. all synchronous inputs pass through input registers controlled by the rising edge of the clock. the clock signal is qualified with the clock enable input signal (cen ). if cen is high, the clock signal is not recognized and all internal states are maintained. all synchronous operations are qualified with cen . all data outputs pass through output registers controlled by the rising edge of the clock. maximum access delay from the clock rise (t co ) is 2.8 ns (225-mhz device). accesses can be initiated by asserting all three chip enables (ce 1 , ce 2 , ce 3 ) active at the rising edge of the clock. if clock enable (cen ) is active low and adv/ld is asserted low, the address presented to the device will be latched. the access can either be a read or write operation, depending on the status of the write enable (we ). bw [d:a] can be used to conduct byte write operations. write operations are qualified by the write enable (we ). all writes are simplified with on- chip synchronous self-timed write circuitry. three synchronous chip enables (ce 1 , ce 2 , ce 3 ) and an asynchronous output enable (oe ) simplify depth expansion. all operations (reads, writes, and deselects) are pipelined. adv/ld should be driven low once the device has been deselected in order to load a new address for the next operation. single read accesses a read access is initiated when the following conditions are satisfied at clo ck rise: (1) cen is asserted low, (2) ce 1 , ce 2 , and ce 3 are all asserted active, (3) the write enable input signal we is deasserted high, and (4) adv/ld is asserted low. the address presented to the address inputs is latched into the address register and presented to the memory core and control logic. the control logic determines that a read access is in progress and allows the requested data to propagate to the input of the ou tput register. at the rising edge of the next clock the requested data is allowed to propagate through the output register and onto the data bus within 2.8 ns (225-mhz device) provided oe is active low. after the first clock of the read access the output buffers are controlled by oe and the internal control logic. oe must be driven low in order for the device to drive out the requested data. during the second clock, a subsequent oper ation (read/write/deselect) can be initiated. deselecting the device is also pipelined. therefore, when the sram is deselected at clock rise by one of the chip enable signals, its output will three-state following the next clock rise. burst read accesses the cy7c1354cv25 and cy7c1356cv25 have an on-chip burst counter that allows the user the ability to supply a single address and conduct up to four reads without reasserting the address inputs. adv/ld must be driven low in order to load a new address into the sram, as described in the single read access section above. the sequ ence of the burst counter is determined by the mode input signal. a low input on mode selects a linear burst mode, a high selects an interleaved burst sequence. both burst counters use a0 and a1 in the burst sequence, and will wrap around when incremented suffi- ciently. a high input on adv/ld will increment the internal burst counter regardless of the state of chip enables inputs or we . we is latched at the beginning of a burst cycle. therefore, the type of access (read or write) is maintained throughout the burst sequence. single write accesses write access are initiated w hen the following conditions are satisfied at clock rise: (1) cen is asserted low, (2) ce 1 , ce 2 , and ce 3 are all asserted active, and (3) the write signal we is asserted low. the address presented to a 0 a 16 is loaded into the address register. the write signals are latched into the control logic block. on the subsequent clock rise the data lines are automatically three-stated regardless of the state of the oe input signal. this allows the external logic to present the data on dq and dqp (dq a,b,c,d /dqp a,b,c,d for cy7c1354cv25 and dq a,b /dqp a,b for cy7c1356cv25). in addition, the address for the subse- quent access (read/write/deselect) is latched into the address register (provided the appropriate control signals are asserted). on the next clock rise the data presented to dq and dqp (dq a,b,c,d /dqp a,b,c,d for cy7c1354cv25 and dq a,b /dqp a,b for cy7c1356cv25) (or a subset for byte write operations, see write cycle description table for details) inputs is latched into the device and the write is complete. the data written during the writ e operation is controlled by bw (bw a,b,c,d for cy7c1354cv25 and bw a,b for cy7c1356cv25) signals. the cy7c1354cv25/56cv25 provides byte write capability that is described in the write cycle description table. asserting the write enable input (we ) with the selected byte write select (bw ) input will selectively write to only the desired bytes. bytes not selected during a byte write operation will remain unaltered. a synchronous self-timed write mechanism has been provided to simplify the write operations. byte write capability has been included in order to greatly simplify read/modify/write sequences, which can be reduced to simple byte write operations. because the cy7c1354cv25 and cy7c1356cv25 are common i/o devices, data should not be driven into the device while the outputs are active. the output enable (oe ) can be nc ? no connects . this pin is not connected to the die. e(18,36, 72, 144, 288) ? these pins are not connected . they will be used for expansion to the 18m, 36m, 72m, 144m and 288m densities. zz input- asynchronous zz ?sleep? input . this active high input places the device in a non-time critical ?sleep? condition with data integrity preserved. during normal operation, this pin can be connected to v ss or left floating. pin definitions (continued) pin name i/o type pin description
preliminary cy7c1354cv25 cy7c1356cv25 document #: 38-05537 rev. *b page 8 of 25 deasserted high before presenting data to the dq and dqp (dq a,b,c,d /dqp a,b,c,d for cy7c1354cv25 and dq a,b /dqp a,b for cy7c1356cv25) inputs. doing so will three-state the output drivers. as a safety precaution, dq and dqp (dq a,b,c,d / dqp a,b,c,d for cy7c1354cv25 and dq a,b /dqp a,b for cy7c1356cv25) are automatically three-stated during the data portion of a wr ite cycle, regardless of the state of oe . burst write accesses the cy7c1354cv25/56cv25 has an on-chip burst counter that allows the user the ability to supply a single address and conduct up to four write operations without reasserting the address inputs. adv/ld must be driven low in order to load the initial address, as described in the single write access section above. when adv/ld is driven high on the subse- quent clock rise, the chip enables (ce 1 , ce 2 , and ce 3 ) and we inputs are ignored and the burst counter is incremented. the correct bw (bw a,b,c,d for cy7c1354cv25 and bw a,b for cy7c1356cv25) inputs must be driven in each cycle of the burst write in order to writ e the correct bytes of data. sleep mode the zz input pin is an asynchronous input. asserting zz places the sram in a power conservation ?sleep? mode. two clock cycles are required to enter into or exit from this ?sleep? mode. while in this mode, da ta integrity is guaranteed. accesses pending when entering the ?sleep? mode are not considered valid nor is the completion of the operation guaranteed. the device must be deselected prior to entering the ?sleep? mode. ce 1 , ce 2 , and ce 3, must remain inactive for the duration of t zzrec after the zz input returns low. interleaved burst address table (mode = floating or v dd ) first address second address third address fourth address a1,a0 a1,a0 a1,a0 a1,a0 00 01 10 11 01 00 11 10 10 11 00 01 11 10 01 00 linear burst address table (mode = gnd) first address second address third address fourth address a1,a0 a1,a0 a1,a0 a1,a0 00 01 10 11 01 10 11 00 10 11 00 01 11 00 01 10 zz mode electrical characteristics parameter description test conditions min. max unit i ddzz sleep mode standby current zz > v dd ? 0.2v 50 ma t zzs device operation to zz zz > v dd ? 0.2v 2t cyc ns t zzrec zz recovery time zz < 0.2v 2t cyc ns t zzi zz active to sleep current t his parameter is sampled 2t cyc ns t rzzi zz inactive to exit sleep curre nt this parameter is sampled 0 ns truth table [2, 3, 4, 5, 6, 7, 8] operation address used ce zz adv/ ld we bwx oe cen clk dq deselect cycle none h l l x x x l l-h three-state continue deselect cycle none x l h x x x l l-h three-state read cycle (begin burst) external l l l h x l l l-h data out (q) read cycle (continue burst) next x l h x x l l l-h data out (q) nop/dummy read (begin burst) external l l l h x h l l-h three-state dummy read (continue burst) next x l h x x h l l-h three-state write cycle (begin burst) external l l l l l x l l-h data in (d) write cycle (continue burst) next x l h x l x l l-h data in (d) nop/write abort (begin burs t) none l l l l h x l l-h three-state write abort (continue burst) next x l h x h x l l-h three-state ignore clock edge (stall) current x l x x x x h l-h ? sleep mode none x h x x x x x x three-state notes: 2. x = ?don?t care?, h = logic high, l = logic low, ce stands for all chip enables active. bw x = l signifies at least one byte write select is active, bw x = valid signifies that the desired byte write selects are asserted, see write cycle description table for details. 3. write is defined by we and bw x . see write cycle description table for details. 4. when a write cycle is detected, all i/os are three-stated, even during byte writes. 5. the dq and dqp pins are controlled by the current cycle and the oe signal. 6. cen = h inserts wait states. 7. device will power-up deselected and the i/os in a three-state condition, regardless of oe . 8. oe is asynchronous and is not sampled with the clock rise. it is masked internally during write cycles. during a read cycle dqs a nd dqp x = three-state when oe is inactive or when the device is deselected, and dqs = data when oe is active.
preliminary cy7c1354cv25 cy7c1356cv25 document #: 38-05537 rev. *b page 9 of 25 ieee 1149.1 serial boundary scan (jtag) the cy7c1354cv25/cy7c1356cv 25 incorporates a serial boundary scan test access port (tap) in the bga package only. the tqfp package does not offer this functionality. this part operates in accordance with ieee standar d 1149.1-1900, but doesn?t have the set of functions required for full 1149.1 compliance. these functions fr om the ieee specification are excluded because their inclusion places an added delay in the critical speed path of the sram. note the tap controller functions in a manner that does not conflict with the operation of other devices using 1149.1 fully compliant taps. the tap operates using jedec-standar d 2.5v i/o logic levels. the cy7c1354cv25/cy7c1356cv25 contains a tap controller, instruction register, boundary scan register, bypass register, and id register. disabling the jtag feature it is possible to operate the sram without using the jtag feature. to disable the tap controller, tck must be tied low(v ss ) to prevent clocking of the device. tdi and tms are internally pulled up and may be unconnected. they may alter- nately be connected to v dd through a pull-up resistor. tdo should be left unconnected. upon power-up, the device will come up in a reset state which will not interfere with the operation of the device. note: 9. table only lists a partial listing of the byte write combinations. any combination of bw x is valid. appropriate write will be done based on which byte write is active. partial write cycle description [2, 3, 4, 9] function (cy7c1354cv25) we bw d bw c bw b bw a read h x x x x write ?no bytes written l h h h h write byte a? (dq a and dqp a) lhhhl write byte b ? (dq b and dqp b) lhhlh write bytes b, a l h h l l write byte c ? (dq c and dqp c) lhlhh write bytes c, a l h l h l write bytes c, b l h l l h write bytes c, b, a l h l l l write byte d ? (dq d and dqp d) llhhh write bytes d, a l l h h l write bytes d, b llhlh write bytes d, b, a l l h l l write bytes d, c l l l h h write bytes d, c, a l l l h l write bytes d, c, b l l l l h write all bytes l l l l l partial write cycle description [2, 3, 4, 9] function (cy7c1356cv25) we bw b bw a read hx x write ? no bytes written l h h write byte a ? (dq a and dqp a) lhl write byte b ? (dq b and dqp b) llh write both bytes l l l
preliminary cy7c1354cv25 cy7c1356cv25 document #: 38-05537 rev. *b page 10 of 25 tap controller state diagram [10] test access port (tap) test clock (tck) the test clock is used only with the tap controller. all inputs are captured on the rising edge of tck. all outputs are driven from the falling edge of tck. test mode select (tms) the tms input is used to give commands to the tap controller and is sampled on the rising edge of tck. it is allowable to leave this ball unconnected if the tap is not used. the ball is pulled up internally, resulting in a logic high level. test data-in (tdi) the tdi ball is used to serially input information into the registers and can be connected to the input of any of the registers. the register between tdi and tdo is chosen by the instruction that is loaded into the tap instruction register. for information on loading the instruction register, see figure . tdi is internally pulled up and can be unconnected if the tap is unused in an application. tdi is connected to the most signif- icant bit (msb) of any register. (see tap controller block diagram.) test data-out (tdo) the tdo output ball is used to serially clock data-out from the registers. the output is ac tive depending upon the current state of the tap state machi ne. the output changes on the falling edge of tck. tdo is connected to the least significant bit (lsb) of any register. (see tap controller state diagram.) tap controller block diagram performing a tap reset a reset is performed by forc ing tms high (vdd) for five rising edges of tck. this reset does not affect the operation of the sram and may be performed while the sram is operating. at power-up, the tap is reset internally to ensure that tdo comes up in a high-z state. tap registers registers are connected between the tdi and tdo balls and allow data to be scanned into and out of the sram test circuitry. only one register can be selected at a time through the instruction register. data is serially loaded into the tdi ball on the rising edge of tck. data is output on the tdo ball on the falling edge of tck. instruction register three-bit instructions can be seri ally loaded into the instruction register. this register is loaded when it is placed between the tdi and tdo balls as shown in the tap controller block diagram. upon power-up, the instruction register is loaded with the idcode instruction. it is also loaded with the idcode instruction if the controller is placed in a reset state as described in the previous section. when the tap controller is in the capture-ir state, the two least significant bits are loaded with a binary ?01? pattern to allow for fault isolation of the boa rd-level serial test data path. bypass register to save time when serially shifting data through registers, it is sometimes advantageous to skip certain chips. the bypass register is a single-bit register that can be placed between the tdi and tdo balls. this allows data to be shifted through the sram with minimal delay. the bypass register is set low (v ss ) when the bypass instruction is executed. note: 10. the 0/1 next to each state represents the value of tms at the rising edge of the tck. test-logic reset run-test/ idle select dr-scan select ir-scan capture-dr shift-dr capture-ir shift-ir exit1-dr pause-dr exit1-ir pause-ir exit2-dr update-dr exit2-ir update-ir 1 1 1 0 1 1 0 0 1 1 1 0 0 0 0 0 0 0 0 0 1 0 1 1 0 1 0 1 1 1 1 0 bypass register 0 instruction register 0 1 2 identification register 0 1 2 29 30 31 . . . boundary scan register 0 1 2 . . x . . . s election circuitr y selection circuitry tck t ms tap controller tdi td o
preliminary cy7c1354cv25 cy7c1356cv25 document #: 38-05537 rev. *b page 11 of 25 boundary scan register the boundary scan register is connected to all the input and bidirectional balls on the sram. the boundary scan register is lo aded with the contents of the ram i/o ring when the tap controller is in the capture-dr state and is then placed between the tdi and tdo balls when the controller is moved to the shift-dr state. the extest, sample/preload and sample z instructions can be used to capture the contents of the i/o ring. the boundary scan order tables show the order in which the bits are connected. each bit corresponds to one of the bumps on the sram package. the msb of the register is connected to tdi, and the lsb is connected to tdo. identification (id) register the id register is loaded with a vendor-specific, 32-bit code during the capture-dr state when the idcode command is loaded in the instruction regi ster. the idcode is hardwired into the sram and can be shifted out when the tap controller is in the shift-dr state. the id register has a vendor code and other information described in the identification register definitions table. tap instruction set overview eight different instructions are possible with the three bit instruction register. all combinations are listed in the instruction codes table. three of these instructions are listed as reserved and should not be used. the other five instruc- tions are described in detail below. instructions are loaded into the tap controller during the shift-ir state when the instruction register is placed between tdi and tdo. during this state, instructions are shifted through the instruction register through the tdi and tdo balls. to execute the instruction once it is shifted in, the tap controller needs to be moved into the update-ir state. idcode the idcode instruction causes a vendor-specific, 32-bit code to be loaded into the instruction register. it also places the instruction register between the tdi and tdo balls and allows the idcode to be shifted out of the device when the tap controller enters the shift-dr state. the idcode instruction is loaded into the instruction register upon power-up or whenever the tap controller is given a test logic reset state. sample z the sample z instruction caus es the boundary scan register to be connected between the tdi and tdo pins when the tap controller is in a shift-dr state. the sample z command puts the output bus into a high-z state until the next command is given during the ?update ir? state. sample/preload sample/preload is a 1149.1 mandatory instruction. when the sample/preload instructi ons are loaded into the instruction register and the tap controller is in the capture-dr state, a snapshot of data on the inputs and output pins is captured in the boundary scan register. the user must be aware that th e tap controller clock can only operate at a frequency up to 20 mhz, while the sram clock operates more than an order of magnitude faster. because there is a large difference in the clock frequencies, it is possible that during the capture-dr state, an input or output will undergo a transition. the ta p may then try to capture a signal while in transition (metastable state). this will not harm the device, but there is no guar antee as to the value that will be captured. repeatable results may not be possible. to guarantee that the boundary scan register will capture the correct value of a signal, the sram signal must be stabilized long enough to meet the tap controller's capture set-up plus hold times (t cs and t ch ). the sram clock input might not be captured correctly if there is no way in a design to stop (or slow) the clock during a sample/p reload instruction. if this is an issue, it is still possible to capture all other signals and simply ignore the value of the ck and ck# captured in the boundary scan register. once the data is captured, it is possible to shift out the data by putting the tap into the shift-dr state. this places the boundary scan register between the tdi and tdo pins. preload allows an initial data pattern to be placed at the latched parallel outputs of the boundary scan register cells prior to the selection of another boundary scan test operation. the shifting of data for the sample and preload phases can occur concurrently when required - that is, while data captured is shifted out, the pr eloaded data can be shifted in. bypass when the bypass instruction is loaded in t he instruction register and the tap is placed in a shift-dr state, the bypass register is placed between the tdi and tdo pins. the advantage of the bypass instructio n is that it shortens the boundary scan path when multiple devices are connected together on a board. extest the extest instruction enables the preloaded data to be driven out through the system output pins. this instruction also selects the boundary scan register to be connected for serial access between the tdi and tdo in the shift-dr controller state. extest output bus tri-state ieee standard 1149.1 mandates that t he tap controller be able to put the output bus into a tri-state mode. the boundary scan register has a special bit located at bit #85 (for 119-bga package), bit #89 (for 165-fbga package). when this scan cell, called the ?extest output bus tristate?, is latched into the preload register during the ?update-dr? state in the tap controller, it will directly control the state of the output (q-bus) pins, when the extest is entered as the current instruction. when high, it will enable the output buffers to drive the output bus. when low, this bit will place the output bus into a high-z condition. this bit can be set by entering the sample/preload or extest command, and then shifting the desired bit into that cell, during the ?shift-dr? stat e. during ?update-dr,? the value loaded into that shift-register cell will latch into the preload register. when the extest instruct ion is entered, this bit will directly control the output q-bus pins. note that this bit is
preliminary cy7c1354cv25 cy7c1356cv25 document #: 38-05537 rev. *b page 12 of 25 pre-set high to enable the output when the device is powered-up, and also when the tap controller is in the ?test-logic-reset? state. reserved these instructions are not im plemented but are reserved for future use. do not use these instructions. tap timing tap ac switching characteristics over the operating range [11, 12] parameter description min. max. unit clock t tcyc tck clock cycle time 50 ns t tf tck clock frequency 20 mhz t th tck clock high time 25 ns t tl tck clock low time 25 ns output times t tdov tck clock low to tdo valid 5 ns t tdox tck clock low to tdo invalid 0 ns set-up times t tmss tms set-up to tck clock rise 5 ns t tdis tdi set-up to tck clock rise 5 ns t cs capture set-up to tck rise 5 hold times t tmsh tms hold after tck clock rise 5 ns t tdih tdi hold after clock rise 5 ns t ch capture hold after clock rise 5 ns notes: 11. t cs and t ch refer to the set-up and hold time requirements of latching data from the boundary scan register. 12. test conditions are specified using t he load in tap ac test conditions. t r /t f = 1ns. t tl test clock (tck) 123456 t est mode select (tms) t th test data-out (tdo) t cyc test data-in (tdi) t tmsh t tmss t tdih t tdis t tdox t tdov don?t care undefined
preliminary cy7c1354cv25 cy7c1356cv25 document #: 38-05537 rev. *b page 13 of 25 2.5v tap ac test conditions input pulse levels ........................................ v ss to 2.5v input rise and fall time .......... .......................................... 1 ns input timing referenc e levels ........................................1.25v output reference levels ................................................1.25v test load termination supply volt age.............................1.25v 2.5v tap ac output load equivalent t do 1.25v 20p f z = 50 ? o 50 ? tap dc electrical characteristics and operating conditions (0c < ta < +70c; vdd = 2.5v 0.125v unless otherwise noted) [13] parameter description test conditions min. max. unit v oh1 output high voltage i oh = -1.0 ma, v ddq = 2.5v 2.0 v v oh2 output high voltage i oh = -100 a,v ddq = 2.5v 2.1 v v ol1 output low voltage i ol = 8.0 ma, v ddq = 2.5v 0.4 v v ol2 output low voltage i ol = 100 a v ddq = 2.5v 0.2 v v ih input high voltage v ddq = 2.5v 1.7 v dd + 0.3 v v il input low voltage v ddq = 2.5v -0.3 0.7 v i x input load current gnd < v in < v ddq -5 5 a identification register definitions instruction field cy7c1354cv25 cy7c1356cv25 description revision number (31:29) 000 000 reserved for version number. cypress device id (28:12) 01011001000100110 01011001000010110 reserved for future use. cypress jedec id (11:1) 00000110100 00000110100 allows unique identification of sram vendor. id register presence (0) 1 1 indicat e the presence of an id register. scan register sizes register name bit size instruction 3 bypass 1 id 32 boundary scan order (119-ball bga package) 69 boundary scan order (165-ball fbga package) 69 identification codes instruction code description extest 000 captures the input/output ring contents. pl aces the boundary scan regi ster between the tdi and tdo. forces all sram outputs to high-z state. idcode 001 loads the id register with the vendor id code and places the register between tdi and tdo. this operation does not affect sram operation. sample z 010 captures the input/outpu t contents. places the boundary scan register between tdi and tdo. forces all sram output drivers to a high-z state. reserved 011 do not use: this instru ction is reserved for future use. sample/preload 100 captures the input/ou tput ring contents. places the boundary scan register between tdi and tdo. does not affect the sram operation. note: 13. all voltages referenced to v ss (gnd).
preliminary cy7c1354cv25 cy7c1356cv25 document #: 38-05537 rev. *b page 14 of 25 reserved 101 do not use: this instru ction is reserved for future use. reserved 110 do not use: this instru ction is reserved for future use. bypass 111 places the bypass register between tdi and td o. this operation does not affect sram operation. identification codes (continued) instruction code description boundary scan exit order (36) bit # 119-ball id 165-ball id 1k4 b6 2h4 b7 3m4 a7 4f4 b8 5b4 a8 6g4 a9 7c3 b10 8b3 a10 9d6 c11 10 h7 e10 11 g6 f10 12 e6 g10 13 d7 d10 14 e7 d11 15 f6 e11 16 g7 f11 17 h6 g11 18 t7 h11 19 k7 j10 20 l6 k10 21 n6 l10 22 p7 m10 23 n7 j11 24 m6 k11 25 l7 l11 26 k6 m11 27 p6 n11 28 t4 r11 29 a3 r10 30 c5 p10 31 b5 r9 32 a5 p9 33 c6 r8 34 a6 p8 35 p4 r6 36 n4 p6 37 r6 r4 38 t5 p4 39 t3 r3 40 r2 p3 41 r3 r1 42 p2 n1 43 p1 l2 44 l2 k2 45 k1 j2 46 n2 m2 47 n1 m1 48 m2 l1 49 l1 k1 50 k2 j1 51 not bonded (preset to 1) not bonded (preset to 1) 52 h1 g2 53 g2 f2 54 e2 e2 55 d1 d2 56 h2 g1 57 g1 f1 58 f2 e1 59 e1 d1 60 d2 c1 61 c2 b2 62 a2 a2 63 e4 a3 64 b2 b3 65 l3 b4 66 g3 a4 67 g5 a5 68 l5 b5 69 b6 a6 boundary scan exit order (18) bit # 119-ball id 165-ball id 1k4 b6 2h4 b7 3m4 a7 4f4 b8 5b4 a8 6g4 a9 7c3 b10 8b3 a10 9t2 a11 boundary scan exit order (36) (continued) bit # 119-ball id 165-ball id
preliminary cy7c1354cv25 cy7c1356cv25 document #: 38-05537 rev. *b page 15 of 25 10 not bonded (preset to 0) not bonded (preset to 0) 11 not bonded (preset to 0) not bonded (preset to 0) 12 not bonded (preset to 0) not bonded (preset to 0) 13 d6 c11 14 e7 d11 15 f6 e11 16 g7 f11 17 h6 g11 18 t7 h11 19 k7 j10 20 l6 k10 21 n6 l10 22 p7 m10 23 not bonded (preset to 0) not bonded (preset to 0) 24 not bonded (preset to 0) not bonded (preset to 0) 25 not bonded (preset to 0) not bonded (preset to 0) 26 not bonded (preset to 0) not bonded (preset to 0) 27 not bonded (preset to 0) not bonded (preset to 0) 28 t6 r11 29 a3 r10 30 c5 p10 31 b5 r9 32 a5 p9 33 c6 r8 34 a6 p8 35 p4 r6 36 n4 p6 37 r6 r4 38 t5 p4 39 t3 r3 40 r2 p3 41 r3 r1 42 not bonded (preset to 0) not bonded (preset to 0) 43 not bonded (preset to 0) not bonded (preset to 0) 44 not bonded (preset to 0) not bonded (preset to 0) 45 not bonded (preset to 0) not bonded (preset to 0) 46 p2 n1 47 n1 m1 boundary scan exit order (18) (continued) bit # 119-ball id 165-ball id 48 m2 l1 49 l1 k1 50 k2 j1 51 not bonded (preset to 1) not bonded (preset to 1) 52 h1 g2 53 g2 f2 54 e2 e2 55 d1 d2 56 not bonded (preset to 0) not bonded (preset to 0) 57 not bonded (preset to 0) not bonded (preset to 0) 58 not bonded (preset to 0) not bonded (preset to 0) 59 not bonded (preset to 0) not bonded (preset to 0) 60 not bonded (preset to 0) not bonded (preset to 0) 61 c2 b2 62 a2 a2 63 e4 a3 64 b2 b3 65 not bonded (preset to 0 not bonded (preset to 0) 66 g3 not bonded (preset to 0) 67 not bonded (preset to 0 a4 68 l5 b5 69 b6 a6 69 b6 a6 69 b6 a6 68 l5 b5 69 b6 a6 66 g3 not bonded (preset to 0) 67 not bonded (preset to 0 a4 68 l5 b5 69 b6 a6 boundary scan exit order (18) (continued) bit # 119-ball id 165-ball id
preliminary cy7c1354cv25 cy7c1356cv25 document #: 38-05537 rev. *b page 16 of 25 maximum ratings (above which the useful life may be impaired. for user guide- lines, not tested.) storage temperature ............. .............. ...... ?65c to +150c ambient temperature with power applied........... .............. .............. ...... ?55c to +125c supply voltage on v dd relative to gnd........ ?0.5v to +3.6v dc to outputs in three-state.............. ?0.5v to v ddq + 0.5v dc input voltage....................................?0.5v to v dd + 0.5v current into outputs (low).... ..................................... 20 ma static discharge voltage......... ........... ............ .......... > 2001v (per mil-std-883, method 3015) latch-up current.................................................... > 200 ma operating range range ambient temperature v dd / v ddq commercial 0c to +70c 2.5v + _5% industrial ?40c to +85c electrical characteristics over the operating range [14, 15] parameter description test conditions min. max. unit v dd power supply voltage 2.375 2.625 v v ddq i/o supply voltage 2.375 v dd v v oh output high voltage v dd = min., i oh = ? 1.0 ma 2.0 v v ol output low voltage v dd = min., i ol = 1.0 ma 0.4 v v ih input high voltage v ddq = 2.5v 1.7 v dd + 0.3v v v il input low voltage [14] v ddq = 2.5v ?0.3 0.7 v i x input load gnd v i v ddq ?5 5 a input current of mode input = v ss ?30 a input = v dd 5 a input current of zz input = v ss ?5 a input = v dd 30 a i oz output leakage current gnd v i v dd, output disabled ?5 5 a i dd v dd operating supply v dd = max., i out = 0 ma, f = f max = 1/t cyc 4.4-ns cycle, 225 mhz 250 ma 5-ns cycle, 200 mhz 220 ma 6-ns cycle, 167 mhz 180 ma i sb1 automatic ce power-down current?ttl inputs max. v dd , device deselected, v in v ih or v in v il , f = f max = 1/t cyc 4.4-ns cycle, 225 mhz 130 ma 5-ns cycle, 200 mhz 120 ma 6-ns cycle, 167 mhz 110 ma i sb2 automatic ce power-down current?cmos inputs max. v dd , device deselected, v in 0.3v or v in > v ddq ? 0.3v, f = 0 all speed grades 35 ma i sb3 automatic ce power-down current?cmos inputs max. v dd , device deselected, v in 0.3v or v in > v ddq ? 0.3v, f = f max = 1/t cyc 4.4-ns cycle, 225 mhz 120 ma 5-ns cycle, 200 mhz 110 ma 6-ns cycle, 167 mhz 100 ma i sb4 automatic ce power-down current?ttl inputs max. v dd , device deselected, v in v ih or v in v il , f = 0 all speed grades 40 ma shaded areas contain advance information. thermal resistance [16] parameters description test conditions bga typ. fbga typ. tqfp typ. unit ja thermal resistance (junction to ambient) test conditions follow standard test methods and procedures for measuring thermal impedance, per eia / jesd51. 25 27 25 c/w jc thermal resistance (junction to case) 669c/w notes: 14. overshoot: v ih (ac) < v dd +1.5v (pulse width less than t cyc /2), undershoot: v il (ac)> ?2v (pulse width less than t cyc /2). 15. t power-up : assumes a linear ramp from 0v to v dd (min.) within 200 ms. during this time v ih < v dd and v ddq < v dd . 16. tested initially and after any design or proc ess changes that may affect these parameters.
preliminary cy7c1354cv25 cy7c1356cv25 document #: 38-05537 rev. *b page 17 of 25 capacitance [16] parameter description test conditions bga max. fbga max. tqfp max. unit c in input capacitance t a = 25c, f = 1 mhz, v dd = 2.5v, v ddq = 2.5v 555pf c clk clock input capacitance 5 5 5 pf c i/o input/output capacitance 7 7 5 pf ac test loads and waveforms switching characteristics over the operating range [18, 19] parameter description -225 -200 -167 unit min. max. min. max. min. max. t power [17] v cc (typical) to the first access read or write 1 1 1 ms clock t cyc clock cycle time 4.4 5 6 ns f max maximum operating frequency 225 200 167 mhz t ch clock high 1.8 2.0 2.4 ns t cl clock low 1.8 2.0 2.4 ns output times t co data output valid after clk rise 2.8 3.2 3.5 ns t eov oe low to output valid 2.8 3.2 3.5 ns t doh data output hold after clk rise 1.25 1.5 1.5 ns t chz clock to high-z [20, 21, 22] 1.25 2.8 1.5 3.2 1.5 3.5 ns t clz clock to low-z [20, 21, 22] 1.25 1.5 1.5 ns t eohz oe high to output high-z [20, 21, 22] 2.8 3.2 3.5 ns t eolz oe low to output low-z [20, 21, 22] 0 0 0 ns set-up times t as address set-up before clk rise 1.4 1.5 1.5 ns t ds data input set-up before clk rise 1.4 1.5 1.5 ns t cens cen set-up before clk rise 1.4 1.5 1.5 ns t wes we , bw x set-up before clk rise 1.4 1.5 1.5 ns t als adv/ld set-up before clk rise 1.4 1.5 1.5 ns t ces chip select set-up 1.4 1.5 1.5 ns shaded areas contain advance information. notes: 17. this part has a voltage regulator internally; t power is the time power needs to be supplied above v dd minimum initially, before a read or write operation can be initiated. 18. timing reference level is when v ddq = 2.5v. 19. test conditions shown in (a) of ac test loads unless otherwise noted. 20. t chz , t clz , t eolz , and t eohz are specified with ac test conditions shown in (b) of ac test loads. transition is measured 200 mv from steady-state voltage . 21. at any given voltage and temperature, t eohz is less than t eolz and t chz is less than t clz to eliminate bus contention betw een srams when sharing the same data bus. these specifications do not imply a bus contention c ondition, but reflect parameters guaranteed over worst case user conditions. device is designed to achieve high-z prior to low-z under the same system conditions. 22. this parameter is sampled and not 100% tested. output r = 1667 ? r =1538 ? 5pf including jig and scope (a) (b) output r l = 50 ? z 0 = 50 ? v t = 1.25v 2.5v all input pulses v ddq gnd 90% 10% 90% 10% 1ns 1ns (c) 2.5v i/o test load
preliminary cy7c1354cv25 cy7c1356cv25 document #: 38-05537 rev. *b page 18 of 25 hold times t ah address hold after clk rise 0.4 0.5 0.5 ns t dh data input hold after clk rise 0.4 0.5 0.5 ns t cenh cen hold after clk rise 0.4 0.5 0.5 ns t weh we , bw x hold after clk rise 0.4 0.5 0.5 ns t alh adv/ld hold after clk rise 0.4 0.5 0.5 ns t ceh chip select hold after clk rise 0.4 0.5 0.5 ns switching characteristics over the operatin g range (continued) [18, 19] parameter description -225 -200 -167 unit min. max. min. max. min. max. switching waveforms read/write timing [23,24,25] notes: 23. for this waveform zz is tied low. 24. when ce is low, ce 1 is low, ce 2 is high and ce 3 is low. when ce is high,ce 1 is high or ce 2 is low or ce 3 is high. 25. order of the burst sequence is determined by the status of th e mode (0=linear, 1=interleaved).burst operations are optional. write d(a1) 123 456789 clk t cyc t cl t ch 10 ce t ceh t ces we cen t cenh t cens bw x adv/ld t ah t as a ddress a1 a2 a3 a4 a5 a6 a7 t dh t ds data n- out (dq) t clz d(a1) d(a2) d(a5) q(a4) q(a3) d(a2+1) t doh t chz t co write d(a2) burst write d(a2+1) read q(a3) read q(a4) burst read q(a4+1) write d(a5) read q(a6) write d(a7) desele ct oe t oev t oelz t oehz t doh don?t care undefined q(a 6) q(a4+1)
preliminary cy7c1354cv25 cy7c1356cv25 document #: 38-05537 rev. *b page 19 of 25 nop, stall and deselect cycles [23,24,26] zz mode timing [27,28] 26. the ignore clock edge or stall cycle (clock 3) illustrated cen being used to create a pause. a wr ite is not perform ed during this cycle 27. device must be deselected when entering zz mode. see cycle descr iption table for all possible signal conditions to deselect the device. 28. i/os are in high-z when exiting zz sleep mode. switching waveforms (continued) read q(a3) 456 78910 clk ce we cen bw x adv/ld address a3 a4 a5 d(a4) data in-out (dq) a1 q(a5) write d(a4) stall write d(a1) 123 read q(a2) stall nop read q(a5) deselect continue deselect don?t care undefined t chz a2 d(a1) q(a2) q(a3) t zz i supply clk zz t zzrec a ll inputs (except zz) don?t care i ddzz t zzi t rzzi outputs (q) high-z deselect or read only
preliminary cy7c1354cv25 cy7c1356cv25 document #: 38-05537 rev. *b page 20 of 25 ordering information speed (mhz) ordering code package name package type operating range 225 cy7c1354cv25-225axc a101 lead-free 100-lead thin quad flat pack (14 x 20 x 1.4 mm) commercial cy7c1356cv25-225axc CY7C1354CV25-225AXI a101 lead-free 100-lead thin quad flat pack (14 x 20 x 1.4 mm) industrial cy7c1356cv25-225axi cy7c1354cv25-225bgc bg119 119-ball ball grid array (14 x 22 x 2.4 mm) commercial cy7c1356cv25-225bgc cy7c1354cv25-225bgi bg119 119-ball ball grid array (14 x 22 x 2.4 mm) industrial cy7c1356cv25-225bgi cy7c1354cv25-225bzc bb165d 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) commercial cy7c1356cv25-225bzc cy7c1354cv25-225bzi bb165d 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) industrial cy7c1356cv25-225bzi cy7c1354cv25-225bgxc bg119 lead-free 119-ball ball grid array (14 x 22 x 2.4 mm) commercial cy7c1356cv25-225bgxc cy7c1354cv25-225bgxi bg119 lead-free 119-ball ball grid array (14 x 22 x 2.4 mm) industrial cy7c1356cv25-225bgxi cy7c1354cv25-225bzxc bb165d lead-free 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) commercial cy7c1356cv25-225bzxc cy7c1354cv25-225bzxi bb165d lead-free 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) industrial cy7c1356cv25-225bzxi 200 cy7c1354cv25-200axc a101 lead-free 100-lead thin quad flat pack (14 x 20 x 1.4 mm) commercial cy7c1356cv25-200axc cy7c1354cv25-200axi a101 lead-free 100-lead thin quad flat pack (14 x 20 x 1.4 mm) industrial cy7c1356cv25-200axi cy7c1354cv25-200bgc bg119 119-ball ball grid array (14 x 22 x 2.4 mm) commercial cy7c1356cv25-200bgc cy7c1354cv25-200bgi bg119 119-ball ball grid array (14 x 22 x 2.4 mm) industrial cy7c1356cv25-200bgi cy7c1354cv25-200bzc bb165d 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) commercial cy7c1356cv25-200bzc cy7c1354cv25-200bzi bb165d 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) industrial cy7c1356cv25-200bzi cy7c1354cv25-200bgxc bg119 lead-free 119-ball ball grid array (14 x 22 x 2.4 mm) commercial cy7c1356cv25-200bgxc cy7c1354cv25-200bgxi bg119 lead-free 119-ball ball grid array (14 x 22 x 2.4 mm) industrial cy7c1356cv25-200bgxi cy7c1354cv25-200bzxc bb165d lead-free 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) commercial cy7c1356cv25-200bzxc cy7c1354cv25-200bzxi bb165d lead-free 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) industrial cy7c1356cv25-200bzxi
preliminary cy7c1354cv25 cy7c1356cv25 document #: 38-05537 rev. *b page 21 of 25 167 cy7c1354cv25-167axc a101 lead-free 100-lead thin quad flat pack (14 x 20 x 1.4 mm) commercial cy7c1356cv25-167axc cy7c1354cv25-167axi a101 lead-free 100-lead thin quad flat pack (14 x 20 x 1.4 mm) industrial cy7c1356cv25-167axi cy7c1354cv25-167bgc bg119 119-ball ball grid array (14 x 22 x 2.4 mm) commercial cy7c1356cv25-167bgc cy7c1354cv25-167bgi bg119 119-ball ball grid array (14 x 22 x 2.4 mm) industrial cy7c1356cv25-167bgi cy7c1354cv25-167bzc bb165d 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) commercial cy7c1356cv25-167bzc cy7c1354cv25-167bzi bb165d 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) industrial cy7c1356cv25-167bzi cy7c1354cv25-167bgxc bg119 lead-free 119-ball ball grid array (14 x 22 x 2.4 mm) commercial cy7c1356cv25-167bgxc cy7c1354cv25-167bgxi bg119 lead-free 119-ball ball grid array (14 x 22 x 2.4 mm) industrial cy7c1356cv25-167bgxi cy7c1354cv25-167bzxc bb165d lead-free 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) commercial cy7c1356cv25-167bzxc cy7c1354cv25-167bzxi bb165d lead-free 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) industrial cy7c1356cv25-167bzxi shaded areas contain advance information. plea se contact your local cypress sales repr esentative for availability of these part s. lead-free bgx package will be available in 2005. ordering information (continued) speed (mhz) ordering code package name package type operating range
preliminary cy7c1354cv25 cy7c1356cv25 document #: 38-05537 rev. *b page 22 of 25 package diagrams dimensions are in millimeters. 0.300.08 0.65 20.000.10 22.000.20 1.400.05 121 1.60 max. 0.05 min. 0.600.15 0 min. 0.25 0-7 (8x) stand-off r 0.08 min. typ. 0.20 max. 0.15 max. 0.20 max. r0.08min. 0.20 max. 14.000.10 16.000.20 0.10 see detail a detail a 1 100 30 31 50 51 80 81 gauge plane 1.00 ref. 0.20 min. seating plane 100-pin thin plastic quad flatpack (14 x 20 x 1.4 mm) a101 51-85050-*a
preliminary cy7c1354cv25 cy7c1356cv25 document #: 38-05537 rev. *b page 23 of 25 package diagrams (continued) 51-85115-*b 119-lead bga (14 x 22 x 2.4mm) bg119
preliminary cy7c1354cv25 cy7c1356cv25 document #: 38-05537 rev. *b page 24 of 25 ? cypress semiconductor corporation, 2004. the information contained herein is subject to change without notice. cypress semic onductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress product. nor does it convey or imply any license under patent or ot her rights. cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agr eement with cypress. furthermore, cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to re sult in significant injury to the user. the inclusion of cypress products in life-support systems application implies that the manu facturer assumes all risk of such use and in doing so indemni fies cypress against all charges. nobl and no bus latency are trademarks of cypress semiconduc tor corporation. zbt is a trademark of integrated device technology. all product and company names mentioned in th is document are the trademarks of their respective holders. package diagrams (continued) 51-85180-** 165 fbga 13 x 15 x 1.40 mm bb165d
preliminary cy7c1354cv25 cy7c1356cv25 document #: 38-05537 rev. *b page 25 of 25 document history page document title: cy7c1354cv25/cy7c1356cv25 9-mb it (256k x 36/512k x 18) pipelined sram with nobl? architecture document number: 38-05537 rev. ecn no. issue date orig. of change description of change ** 242032 see ecn rkf new data sheet *a 278969 see ecn rkf changed boundary scan order to match the b rev of these devices *b 284929 see ecn rkf vbl included dc characteristics table changed isb1 and isb3 from dc characteristic table as follows: isb1: 225 mhz -> 130 ma, 200 mhz -> 120 ma, 167 mhz -> 110 ma isb3: 225 mhz -> 120 ma, 200 mhz -> 110 ma, 167 mhz -> 100 ma changed iddzz to 50ma. added bg and bz pkg lead-free part numbers to ordering info section.


▲Up To Search▲   

 
Price & Availability of CY7C1354CV25-225AXI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X